전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80C451 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 80C451
상세설명  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C451 데이터시트(HTML) 4 Page - NXP Semiconductors

  80C451 Datasheet HTML 1Page - NXP Semiconductors 80C451 Datasheet HTML 2Page - NXP Semiconductors 80C451 Datasheet HTML 3Page - NXP Semiconductors 80C451 Datasheet HTML 4Page - NXP Semiconductors 80C451 Datasheet HTML 5Page - NXP Semiconductors 80C451 Datasheet HTML 6Page - NXP Semiconductors 80C451 Datasheet HTML 7Page - NXP Semiconductors 80C451 Datasheet HTML 8Page - NXP Semiconductors 80C451 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Philips Semiconductors
Product specification
80C451/83C451/87C451
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
4
ORDERING INFORMATION
ROMless
ROM
EPROM1
TEMPERATURE RANGE
°C
AND PACKAGE
FREQ
MHz
DRAWING
NUMBER
SC80C451CCA68
SC83C451CCA68
SC87C451CCA68
OTP
0 to +70, Plastic Leaded Chip Carrier,
3.5 to 12
SOT188-3
SC80C451CGA68
SC83C451CGA68
SC87C451CGA68
OTP
0 to +70, Plastic Leaded Chip Carrier
3.5 to 16
SOT188-3
NOTE:
1. OTP = One Time Programmable
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA/VPP
PSEN
ALE/PROG
VSS
VCC
XTAL1
XTAL2
PORT 6 CONTROL
ODS
IDS
BFLAG
AFLAG
SU00085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22