전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC14MTR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 74AC14MTR
상세설명  HEX SCHMITT INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC14MTR 데이터시트(HTML) 4 Page - STMicroelectronics

  74AC14MTR Datasheet HTML 1Page - STMicroelectronics 74AC14MTR Datasheet HTML 2Page - STMicroelectronics 74AC14MTR Datasheet HTML 3Page - STMicroelectronics 74AC14MTR Datasheet HTML 4Page - STMicroelectronics 74AC14MTR Datasheet HTML 5Page - STMicroelectronics 74AC14MTR Datasheet HTML 6Page - STMicroelectronics 74AC14MTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
35
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/n (per circuit)
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500
Ω or equivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz)
74AC14
4/7



Html Pages

1 2 3 4 5 6 7