| 전자부품 데이터시트 검색엔진 |
|
PIMD3 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PIMD3 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 18 page ![]() © Nexperia B.V. 2017. All rights reserved PEMD3_PIMD3_PUMD3 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 11 — 25 September 2013 2 of 18 Nexperia PEMD3; PIMD3; PUMD3 NPN/PNP resistor-equipped transistors 2. Pinning information 3. Ordering information 4. Marking [1] * = placeholder for manufacturing site code. Table 3. Pinning Pin Description Simplified outline Graphic symbol 1 GND (emitter) TR1 2 input (base) TR1 3 output (collector) TR2 4 GND (emitter) TR2 5 input (base) TR2 6 output (collector) TR1 001aab555 6 4 5 1 3 2 65 4 1 23 R2 TR1 TR2 R1 R2 R1 006aaa143 Table 4. Ordering information Type number Package Name Description Version PEMD3 - plastic surface-mounted package; 6 leads SOT666 PIMD3 SC-74 plastic surface-mounted package (TSOP6); 6 leads SOT457 PUMD3 SC-88 plastic surface-mounted package; 6 leads SOT363 Table 5. Marking codes Type number Marking code[1] PEMD3 D3 PIMD3 M7 PUMD3 D*3 |