전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL-R2122Z 데이터시트(PDF) 2 Page - Yellow Stone Corp

부품명 BL-R2122Z
상세설명  STANDARD LED LAMP(RECTANGULAR TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YSTONE [Yellow Stone Corp]
홈페이지  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R2122Z 데이터시트(HTML) 2 Page - Yellow Stone Corp

  BL-R2122Z Datasheet HTML 1Page - Yellow Stone Corp BL-R2122Z Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-081
BL-Rxx32R Series
L-082
BL-Rxx32T Series
L-083
BL-Rxx22U Series
L-084
BL-Rxx32W Series
L-085
BL-Rxx22Z Series
L-086
BL-Rxx33 Series
L-087
BL-Rxx33A Series
L-088
BL-Rxx34 Series
Notes 1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010 ).
1.5(.059) MAX.
2.54 (.10) NOM.
1.0 (.04)
MIN.
2.0(.079)
5.0(.197)
0.5(.02) SQ. TYP.
25.4(1.0) MIN.
6.8(.268)
1.9(.075)
5.05(.198)
MIN.
(.10) NOM.
2.54
MAX.
2.4(.094)
1.0(.04)
2.4(.094)
4.9(.193)
8.6(.339)
0.5(.02) SQ. TYP.
1.5(.059)
25.4(1.0) MIN.
5.0(.197)
NOM.
MIN.
3.2(.126)
2.0(.079)
3.0(.118)
1.0(.039)
25.4(1.00) MIN.
2.54(.100)
1.5(.059) MAX.
3.8(.150)
0.5(.020) SQ.TYP.
3.5(.138)
1.2(.047)
MIN.
NOM.
4.0(.157)
2.0(.079)
3.7(.146)
3.5(.138)
2.5(.098)
1.0(.039)
25.4(1.00) MIN.
3.1(.122)
2.54(.100)
1.5(.059) MAX.
4.0(.157)
0.5(.020) SQ.TYP.
2.2(.087)
0.5(.02) SQ. TYP.
1.95(.077)
2.29 (.090) NOM.
MIN.
1.0(.04)
0.8(.031)
7.8(.307)
12.7(.500) MIN.
MAX.
1.5(.059)
0.7(.028)
1.3(.051)
4.9(.193)
5.0(.197)
1.9(.075)
2.8(.110)
5.03(.20)
2.0(.079)
0.7(.028)
SQ. TYP.
1.5(.059)MAX.
2.54 (.10) NOM.
1.0(.039)
MIN.
0.5(.02) SQ. TYP.
25.4(1.0) MIN.
5.03(.20)
0.5(.020)
2.8(.110)
2.8(.110)
1.9(.075)
6.5(.256)
4.9(.193)
NOM.
3.9(.154)
1.0(.039) MIN.
25.4(1.00) MIN.
2.54(.100)
3.3(.130)
3.7(.146)
1.5(.059) MAX.
3.7(.146)
1.8(.071)
2.7(.106)
0.5(.020) SQ.TYP.
1.4(.055)
2.7(.106)
NOM.
MIN.
4.8(.189)
1.0(.039)
2.29(.090)
1.5(.059) MAX.
2.5(.098)
4.8(.189)
0.5(.020) SQ.TYP.
12.7(.500) MIN.
4.5(.177)
2.3(.09)
2.5(.098)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2