전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STWBC86 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STWBC86
상세설명  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 29Page - STMicroelectronics STWBC86 Datasheet HTML 30Page - STMicroelectronics STWBC86 Datasheet HTML 31Page - STMicroelectronics STWBC86 Datasheet HTML 32Page - STMicroelectronics STWBC86 Datasheet HTML 33Page - STMicroelectronics STWBC86 Datasheet HTML 34Page - STMicroelectronics STWBC86 Datasheet HTML 35Page - STMicroelectronics STWBC86 Datasheet HTML 36Page - STMicroelectronics STWBC86 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
WLCSP72 package information
Figure 12. WLCSP72 3.264x3.674x0.6 0.4 Pitch 0.25 Ball package outline
STWBC86
Package information
DS14079 - Rev 1
page 33/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40