전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCPP01-M12 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 TCPP01-M12
상세설명  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 19Page - STMicroelectronics TCPP01-M12 Datasheet HTML 20Page - STMicroelectronics TCPP01-M12 Datasheet HTML 21Page - STMicroelectronics TCPP01-M12 Datasheet HTML 22Page - STMicroelectronics TCPP01-M12 Datasheet HTML 23Page - STMicroelectronics TCPP01-M12 Datasheet HTML 24Page - STMicroelectronics TCPP01-M12 Datasheet HTML 25Page - STMicroelectronics TCPP01-M12 Datasheet HTML 26Page - STMicroelectronics TCPP01-M12 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
9
USB Type-C™ port protection (TCPP) comparison table ...........................18
10
Package information..............................................................19
10.1
QFN18L 3.5x3.5 mm package information ........................................ 19
11
Ordering information .............................................................23
Revision history .......................................................................24
TCPP02-M18
Contents
DS13787 - Rev 4
page 27/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27