전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NHUMB2 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved

부품명 NHUMB2
상세설명  80 V, 100 mA NPN/NPN resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB2 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved

  NHUMB2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMB2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
NHUMH11/1/2 series
80 V, 100 mA NPN/NPN resistor-equipped double transistors
5. Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
GND1
GND (emitter) TR1
2
I1
input (base) TR1
3
O2
output (collector) TR2
4
GND2
GND (emitter) TR2
5
I2
input (base) TR2
6
O1
output (collector) TR1
1
3
2
4
5
6
O1 I2
GND2
GND1
I1 O2
R2
TR1
TR2
R1
R2
R1
aaa-019894
6. Ordering information
Table 4. Ordering information
Package
Type number
Name
Description
Version
NHUMH11
NHUMH1
NHUMH2
SC-88
plastic surface-mounted package; 6 leads
SOT363
7. Marking
Table 5. Marking
Type number
Marking code [1]
NHUMH11
6F%
NHUMH1
6J%
NHUMH2
6L%
[1] % = placeholder for manufacturing site code
NHUMH11_1_2_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 22 July 2020
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com