| 전자부품 데이터시트 검색엔진 |
|
AC05 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AC05 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 24 page ![]() 2000 Oct 20 6 BCcomponents Product specification Cemented wirewound resistors AC01/03/04/05/07/10/15/20 Fig.2 Pulse on a regular basis; maximum permissible peak pulse power as a function of pulse duration (ti). P ˆ max () AC01 1 CCB370 10−1 10−2 10−3 10−4 10−1 1 10 102 103 104 Pmax (W) ti (s) tp/ti = 1000 tp/ti = 200 tp/ti = 50 tp/ti = 10 tp/ti = 2 ˆ 0.1 Ω 1 Ω 10 Ω 100 Ω 2 k Ω Fig.3 Pulse capability; Ws as a function of Rn. AC01 103 104 102 10 1 10−1 CCB371 102 10−4 10−1 10−2 10−3 10 1 pulse energy (Ws/ Ω) Rn (Ω) |