| 전자부품 데이터시트 검색엔진 |
|
AC15 데이터시트(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AC15 데이터시트(HTML) 10 Page - NXP Semiconductors |
|
10 / 24 page ![]() 2000 Oct 20 10 BCcomponents Product specification Cemented wirewound resistors AC01/03/04/05/07/10/15/20 Fig.10 Pulse on a regular basis; maximum permissible peak pulse voltage as a function of pulse duration (ti). V ˆ max () AC04 2500 2000 1500 0 500 10−6 10−5 10−4 10−3 10−2 10−1 1 CCB378 1000 ti (s) Vmax (V) ˆ Fig.11 Pulse on a regular basis; maximum permissible peak pulse power as a function of pulse duration (ti). P ˆ max () AC05 1 CCB379 10−1 10−2 10−3 10−4 10−1 1 10 102 103 104 Pmax (W) ti (s) ˆ tp/ti = 1000 tp/ti = 200 tp/ti = 50 tp/ti = 10 tp/ti = 2 0.1 Ω 1.1 Ω 11 Ω 100 Ω 8.2 k Ω |