전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDTC115EE 데이터시트(PDF) 4 Page - Nexperia B.V. All rights reserved

부품명 PDTC115EE
상세설명  NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC115EE 데이터시트(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTC115EE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC115EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2004 Aug 06
3
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 100 k
Ω, R2 = 100 kΩ
PDTC115E series
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PDTC115ES
1
base
2
collector
3
emitter
PDTC115EE
1
base
PDTC115EEF
2
emitter
PDTC115EK
3
collector
PDTC115ET
PDTC115EU
PDTC115EM
1
base
2
emitter
3
collector
handbook, halfpage
MAM364
1
2
3
R1
R2
2
3
1
handbook, halfpage
MDB269
1
2
3
Top view
R1
R2
1
2
3
handbook, halfpage
MHC506
1
2
3
R1
R2
2
1
3
bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com