전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56321RM/D 데이터시트(PDF) 57 Page - NXP Semiconductors

부품명 DSP56321RM/D
상세설명  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D 데이터시트(HTML) 57 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 53Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 54Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 55Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 56Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 57Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 58Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 59Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 60Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
3-1
Chapter 3
Packaging
3.1 Pin-Out and Package Information
This section includes diagrams of the DSP56321T package pin-outs and tables showing how the
signals described in Chapter 1 are allocated for the package. The DSP56321T is available in a
196-pin Flip Chip-Plastic Ball Grid Array (FC-PBGA) package.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88