| 전자부품 데이터시트 검색엔진 |
|
DSP56321T/D 데이터시트(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321T/D 데이터시트(HTML) 63 Page - NXP Semiconductors |
|
63 / 88 page ![]() 3-7 FC-PBGA Package Description Table 3-2. Signal List by Signal Name Signal Name Ball No. Signal Name Ball No. Signal Name Ball No. A0 N14 BR N10 D9 A12 A1 M13 D0 E14 DE D3 A10 H13 D1 D12 EXTAL M8 A11 H14 D10 B11 GND D4 A12 G14 D11 A11 GND D5 A13 G12 D12 C10 GND D6 A14 F13 D13 B10 GND D7 A15 F14 D14 A10 GND D8 A16 E13 D15 B9 GND D9 A17 E12 D16 A9 GND D10 A2 M14 D17 B8 GND D11 A3 L13 D18 C8 GND E4 A4 L14 D19 A8 GND E5 A5 K13 D2 D13 GND E6 A6 K14 D20 B7 GND E7 A7 J13 D21 B6 GND E8 A8 J12 D22 C6 GND E9 A9 J14 D23 A6 GND E10 AA0 N13 D3 C13 GND E11 AA1 P12 D4 C14 GND F4 AA2 P7 D5 B13 GND F5 AA3 N7 D6 C12 GND F6 BB P11 D7 A13 GND F7 BG P13 D8 B12 GND F8 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |