| 전자부품 데이터시트 검색엔진 |
|
RYZ024A 데이터시트(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RYZ024A 데이터시트(HTML) 25 Page - Renesas Technology Corp |
|
25 / 40 page ![]() RYZ024A Datasheet R19DS0115EU0101 Rev.1.01 Page 25 of 38 Nov.14.22 Le manuel de l’utilisateur final doit inclure toutes les informations réglementaires requises et avertissements comme indiqué dans ce manuel. ACMA Regulatory Marking Japan radio/terminal equipment based on type certification Regulatory Marking RYZ024A has obtained certified construction type certification (certification number: 003-220081). Manufacturers of terminal equipment that incorporates the RYZ014A module must display the technical suitability mark on the embedded terminal equipment. For the antenna used for certification, refer to RYZ024A Antenna List for Type Certification in Japan. In addition, RYZ024A has certified the Telecommunications Business Law (certification number: D220051003). RE Directive Regulatory Safety Notice Hereby, Renesas Electronics America Inc. declares that the radio equipment type RYZ024A is in compliance with Directive 2014/53/EU. Caution: Equipment must be supplied by ES1, PS1 circuits according to the standard EN 62368-1. UKCA Regulatory Marking |