전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95M02-DFMN6P/K 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 M95M02-DFMN6P/K
상세설명  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/K 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button M95M02-DFMN6P/K Datasheet HTML 30Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 31Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 32Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 33Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 34Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 35Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 36Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 37Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
10.2
WLCSP8 without BSC package information
This WLCSP is a 8-ball, 3.556 x 2.011 mm, without BSC, wafer level chip scale package.
Figure 26. WLCSP8 without BSC - Outline
D
E
Orientation reference
X
Y
TOP VIEW
(4X)
aaa
aaa Z
A
A2
SEATING PLANE
DETAIL A
BOTTOM VIEW
J
G
e2
H
e1
e
F
G
H
Orientation reference
eee Z
BUMP
A1
ddd
Z
ccc
Z
Y
b(8x)
Z
DETAIL A
ROTATED 900
1.
Drawing is not to scale.
2.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4.
Bump position designation per JESD 95-1, SPP-010.
M95M02-DR M95M02-DF
WLCSP8 without BSC package information
DS7024 - Rev 13
page 34/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45