전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95M02-DFMN5P/K 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 M95M02-DFMN5P/K
상세설명  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN5P/K 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button M95M02-DFMN5P/K Datasheet HTML 11Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 12Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 13Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 14Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 15Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 16Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 17Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 18Page - STMicroelectronics M95M02-DFMN5P/K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
6.3.4
SRWD bit
The status register write disable (SRWD) bit is operated in conjunction with the write protect (W) signal. The
status register write disable (SRWD) bit and write protect (W) signal enable the device to be put in the hardware
protected mode (when the status register write disable (SRWD) bit is set to 1, and write protect (W) is driven low).
In this mode, the non-volatile bits of the status register (SRWD, BP1, BP0) become read-only bits and the write
status register (WRSR) instruction is no longer accepted for execution.
Figure 11. Status register format
SRWD
Status register write
protect
0
0
BP0
0
WEL
WIP
BP1
b7
b6
b2
b0
b5
b1
b4
b3
Write in progress bit
Write enable latch bit
Block protect bits
M95M02-DR M95M02-DF
Read status register (RDSR)
DS7024 - Rev 13
page 15/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45