전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN250Q 데이터시트(PDF) 60 Page - STMicroelectronics

부품명 SN250Q
상세설명  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q 데이터시트(HTML) 60 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 56Page - STMicroelectronics SN250Q Datasheet HTML 57Page - STMicroelectronics SN250Q Datasheet HTML 58Page - STMicroelectronics SN250Q Datasheet HTML 59Page - STMicroelectronics SN250Q Datasheet HTML 60Page - STMicroelectronics SN250Q Datasheet HTML 61Page - STMicroelectronics SN250Q Datasheet HTML 62Page - STMicroelectronics SN250Q Datasheet HTML 63Page - STMicroelectronics SN250Q Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 130 page
background image
Functional description—application modules
SN250
60/130
SC1_DMACTRL [0x4498]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
SC_
TXDMARST
SC_
RXDMARST
SC_TXLODB
SC_TXLODA
SC_RXLODB
SC_RXLODA
0-R
7
0-R
6
0-W
5
0-W
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
SC_TXDMARST
[5]
Setting this bit will reset the transmit DMA. The bit is autocleared.
SC_RXDMARST
[4]
Setting this bit will reset the receive DMA. This bit is autocleared.
SC_TXLODB
[3]
Setting this bit loads DMA transmit buffer B addresses and starts the DMA controller
processing transmit buffer B. This bit is autocleared when DMA completes. Writing a
zero to this bit will not have any effect. Reading this bit as one indicates DMA
processing for buffer B is active or pending. Reading this bit as zero indicates DMA
processing for buffer B is complete or idle.
SC_TXLODA
[2]
Setting this bit loads DMA transmit buffer A addresses and starts the DMA controller
processing transmit buffer A. This bit is autocleared when DMA completes. Writing a
zero to this bit will not have any effect. Reading this bit as one indicates DMA
processing for buffer A is active or pending. Reading this bit as zero indicates DMA
processing for buffer A is complete or idle.
SC_RXLODB
[1]
Setting this bit loads DMA receive buffer B addresses and starts the DMA controller
processing receive buffer B. This bit is autocleared when DMA completes. Writing a
zero to this bit will not have any effect. Reading this bit as one indicates DMA
processing for buffer B is active or pending. Reading this bit as zero indicates DMA
processing for buffer B is complete or idle.
SC_RXLODA
[0]
Setting this bit loads DMA receive buffer A addresses and starts the DMA controller
processing receive buffer A. This bit is autocleared when DMA completes. Writing a
zero to this bit will not have any effect. Reading this bit as one indicates DMA
processing for buffer A is active or pending. Reading this bit as zero indicates DMA
processing for buffer A is complete or idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More