| 전자부품 데이터시트 검색엔진 |
|
SN250QT 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 130 page ![]() SN250 Functional description—application modules 35/130 7.1.1 Registers GPIO_CFG [0x4712] GPIO_INH [0x4700] GPIO_INL [0x4702] 15 0-R 14 0-RW 13 1-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW 0GPIO_CFG GPIO_CFG 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 GPIO_CFG [14:0] GPIO configuration modes. Refer to Table 1 and Table 17 for the mode settings. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0GPIO_INH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 GPIO_INH [0] Read the input level of GPIO[16] pin. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R GPIO_INL GPIO_INL 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 GPIO_INL [15:0] Read the input level of GPIO[15:0] pins. |