| 전자부품 데이터시트 검색엔진 |
|
TDA7496S 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7496S 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 13 page ![]() 11/13 TDA7496SA Clipwatt Assembling Suggestions The suggested mounting method of Clipwatt on external heat sink, requires the use of a clip placed as much as possible in the plastic body center, as indicated in the example of figure 24. A thermal grease can be used in order to reduce the additional thermal resistance of the contact between pack- age and heatsink. A pressing force of 7 - 10 Kg gives a good contact and the clip must be designed in order to avoid a maximum contact pressure of 15 Kg/mm2 between it and the plastic body case. As example , if a 15Kg force is applied by the clip on the package , the clip must have a contact area of 1mm2 at least. Figure 24. Example of right placement of the clip |