| 전자부품 데이터시트 검색엔진 |
|
HCS163D 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HCS163D 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 9 page ![]() HCS163MS FN3087 Rev 1.00 Page 2 of 9 September 1995 Functional Block Diagram CP P MR T2 Q2 CP P MR T1 Q1 CP P MR T0 Q0 CP P MR T3 Q3 Q3 Q2 12 Q1 13 14 Q0 11 P0 3 P1 4 P2 5 P3 6 PE 7 TE 10 9 SPE 1 MR 2 CP 15 TC Q0 Q1 Q2 Q3 VCC TE TE D0 D1 D2 D3 TRUTH TABLE OPERATING MODE INPUTS OUTPUTS MR CP PE TE SPE PN QN TC Reset (clear) l XXXX L L Parallel Load h (Note 3) X X l l L L h (Note 3) X X l h H (Note 1) Count h (Note 3) h h h (Note 3) X Count (Note 1) Inhibit h (Note 3) X l (Note 2) X h (Note 3) X Qn (Note 1) h (Note 3) X X l (Note 2) h (Note 3) X Qn L H = HIGH Voltage Level L = LOW Voltage Level h = HIGH voltage level one setup time prior to the LOW-to-HIGH clock transition l = LOW voltage level one setup time prior to the LOW-to-HIGH clock transition X = Immaterial q = Lower case letter indicate the state of the referenced output prior to the LOW-to-HIGH clock transition = LOW-to-HIGH clock transition NOTES: 1. The TC output is HIGH when TE is HIGH and the counter is at terminal count (HLLH for 162 and HHHH for 163) 2. The HIGH-to-LOW transition of PE or TE on the 54/74163 and 54/74160 should only occur while CP is high for conventional operation 3. The LOW-to-HIGH transition of SPE or MR on the 54/74163 should only occur while CP is high for conventional operation |