| 전자부품 데이터시트 검색엔진 |
|
ICS94258 데이터시트(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS94258 데이터시트(HTML) 4 Page - Renesas Technology Corp |
|
4 / 20 page ![]() 4 ICS94258 Third party brands and names are the property of their respective owners. General I 2C serial interface information for the ICS94258 How to Write: Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends a dummy command code ICS clock will acknowledge Controller (host) sends a dummy byte count ICS clock will acknowledge Controller (host) starts sending Byte 0 through Byte 20 (see Note) ICS clock will acknowledge each byte one at a time Controller (host) sends a Stop bit How to Read: Controller (host) will send start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the byte count Controller (host) acknowledges ICS clock sends Byte 0 through byte 8 (default) ICS clock sends Byte 0 through byte X (if X (H) was written to byte 8). Controller (host) will need to acknowledge each byte Controller (host) will send a stop bit *See notes on the following page. Controller (Host) ICS (Slave/Receiver) Start Bit Address D2(H) ACK Dummy Command Code ACK Dummy Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK Byte 18 ACK Byte 19 ACK Byte 20 ACK Stop Bit How to Write: Controlle r (Host) ICS (Sla ve /Re ce ive r) Start Bit Address D3(H) ACK Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK If 7H has been written to B8 Byte 7 ACK If 12H has been written to B8 Byte18 ACK If 13H has been written to B8 Byte 19 ACK If 14H has been written to B8 Byte 20 ACK Stop Bit How to Read: |