전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS843034 데이터시트(PDF) 19 Page - Renesas Technology Corp

부품명 ICS843034
상세설명  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 데이터시트(HTML) 19 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 15Page - Renesas Technology Corp ICS843034 Datasheet HTML 16Page - Renesas Technology Corp ICS843034 Datasheet HTML 17Page - Renesas Technology Corp ICS843034 Datasheet HTML 18Page - Renesas Technology Corp ICS843034 Datasheet HTML 19Page - Renesas Technology Corp ICS843034 Datasheet HTML 20Page - Renesas Technology Corp ICS843034 Datasheet HTML 21Page - Renesas Technology Corp ICS843034 Datasheet HTML 22Page - Renesas Technology Corp ICS843034 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
3.3V Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, HCSL and other
differential signals. Both VSWING and VOH must meet the VPP and
VCMR input requirements. Figures 4A to 4E show interface examples
for the CLK/nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. Please consult
with the vendor of the driver component to confirm the driver
termination requirements. For example, in Figure 4A, the input
termination applies for IDT open emitter LVHSTL drivers. If you are
using an LVHSTL driver from another vendor, use their termination
recommendation.
Figure 4A. CLK/nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 4C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 4E. CLK/nCLK Input Driven by a 3.3V LVDS Driver
Figure 4B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 4D. CLK/nCLK Input Driven by a
3.3V HCSL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com