전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS843156I 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ICS843156I
상세설명  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156I 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ICS843156I Datasheet HTML 1Page - Renesas Technology Corp ICS843156I Datasheet HTML 2Page - Renesas Technology Corp ICS843156I Datasheet HTML 3Page - Renesas Technology Corp ICS843156I Datasheet HTML 4Page - Renesas Technology Corp ICS843156I Datasheet HTML 5Page - Renesas Technology Corp ICS843156I Datasheet HTML 6Page - Renesas Technology Corp ICS843156I Datasheet HTML 7Page - Renesas Technology Corp ICS843156I Datasheet HTML 8Page - Renesas Technology Corp ICS843156I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS843156AKI REVISION B NOVEMBER 28, 2012
2
©2012 Integrated Device Technology, Inc.
ICS843156I Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
Table 1. Pin Descriptions
NOTE: Pulldown refers to an internal input resistor. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. Bypass Function Table
Number
Name
Type
Description
1,
2
XTAL_IN
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
3, 32
VCC
Power
Core supply pins.
4, 5
nQC1, QC1
Output
Differential output pair. LVPECL interface levels.
6, 7
nQC0, QC0
Output
Differential output pair. LVPECL interface levels.
8, 16, 25
VCCO
Power
Output supply pins.
9, 10
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
11, 12
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
13, 30
VEE
Power
Negative supply pins.
14, 15
nQA5, QA5
Output
Differential output pair. LVPECL interface levels.
17, 18
nQA4, QA4
Output
Differential output pair. LVPECL interface levels.
19, 20
nQA3, QA3
Output
Differential output pair. LVPECL interface levels.
21, 22
nQA2, QA2
Output
Differential output pair. LVPECL interface levels.
23, 24
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
26, 27
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
28
VCCA
Power
Analog supply pin.
29
BYPASS
Input
Pulldown
A HIGH on BYPASS signal allows TEST_CLK to propagate to output
dividers and bypass the PLL. a LOW on BYPASS signal allows VCO
frequency to propagate to the output dividers. See Table 3.
LVCMOS/LVTTL interface levels.
31
TEST_CLK
Input
Pulldown
Single-ended input test clock. LVCMOS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
Input
Device Configuration
BYPASS
0PLL Mode
1
Bypass the PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com