전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M66291GP 데이터시트(PDF) 39 Page - Renesas Technology Corp

부품명 M66291GP
상세설명  ASSP (USB2.0 Device Controller)
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291GP 데이터시트(HTML) 39 Page - Renesas Technology Corp

Back Button M66291GP Datasheet HTML 35Page - Renesas Technology Corp M66291GP Datasheet HTML 36Page - Renesas Technology Corp M66291GP Datasheet HTML 37Page - Renesas Technology Corp M66291GP Datasheet HTML 38Page - Renesas Technology Corp M66291GP Datasheet HTML 39Page - Renesas Technology Corp M66291GP Datasheet HTML 40Page - Renesas Technology Corp M66291GP Datasheet HTML 41Page - Renesas Technology Corp M66291GP Datasheet HTML 42Page - Renesas Technology Corp M66291GP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 37 of 122
2.15 Interrupt Status Register 3
Interrupt Status Register 3 (INT_STATUS3)
<Address : H’1E>
b15
14
13
12
11
10
9876
54321
b0
EPB_EMP_OVR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
00
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
<H/W reset : H'0000>
<S/W reset : H'0000>
<USB bus reset : ->
b
Bit name
Function
R
W
15~7
Reserved. Set it to “0”.
00
6~0
EPB_EMP_OVR
Buffer Empty/Size Over Interrupt
Read
0 :
No occurrence of interrupt
1 :
Occurrence of interrupt
Write
0 :
Clear interrupt
1 :
Invalid (Ignored when written)
b6 corresponds to EP6, ---b1 corresponds to EP1 and b0
corresponds to EP0.
(1) EPB_EMP_OVR (Buffer Empty/Size Over Interrupt) Bits (b6~b0)
These bits indicate that the received data size exceeds the maximum packet size or that the buffers of the
endpoints 0 to 6 are empty.
Endpoint 0
When set to control write transfer (ISEL bit = “0”)
The condition for this bit to be set to “1” is as follows:
•
Receives packet data with size exceeding the one set by the EP0 Packet Size Register
(Size-over detection).
In this case, the EP0_PID bits are set to STALL response.
Further the CTRT bit sets to “1” if the SERR bit is set to “1”.
This bit is set to “1” when size-over is detected, irrespective of the EP0_PID bit setting.
When set to control read transfer (ISEL bit = “1”)
The condition for this bit to be set to “1” is as follows:
• When the IVAL bit of the EP0_FIFO Control Register changes from “1” to “0”.
• When transmit data exist in the buffer for EP0_FIFO and “1” is written to the BCLR bit.
Endpoint 1~6
When set to OUT buffer (EPi_DIR bit = “0”)
The condition for this bit to be set to “1” is as follows:
• Receives packet data with size exceeding the one set by the EPi_MXPS bits
(Size-over detection).
The EPi_PID bits are set to STALL response.
This bit isn’t set to “1” at isochronous transfer.
This bit is set to “1” when size-over is detected, irrespective of the EP0_PID bit setting.
When set to IN buffer (EPi_DIR bit = “1”)
The condition for this bit to be set to “1” is as follows:
• When the data of SIE side buffer are all transmitted with the data not written to the CPU
side buffer (Buffer empty).
The conditions for this bit to be cleared to “0” in all bits are as follows:
•
Writes “0” to this bit.
Note:
Refer to “3.2 FIFO Buffer” for CPU/SIE side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com