전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AH1925 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 AH1925
상세설명  ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1925 데이터시트(HTML) 7 Page - Diodes Incorporated

  AH1925 Datasheet HTML 1Page - Diodes Incorporated AH1925 Datasheet HTML 2Page - Diodes Incorporated AH1925 Datasheet HTML 3Page - Diodes Incorporated AH1925 Datasheet HTML 4Page - Diodes Incorporated AH1925 Datasheet HTML 5Page - Diodes Incorporated AH1925 Datasheet HTML 6Page - Diodes Incorporated AH1925 Datasheet HTML 7Page - Diodes Incorporated AH1925 Datasheet HTML 8Page - Diodes Incorporated AH1925 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH1925
Document number: DS42243 Rev. 1 - 2
7 of 9
www.diodes.com
September 2019
© Diodes Incorporated
AH1925
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
1.
Package Type: X2-DFN1410-4
X2-DFN1410-4
Dim
Min
Max
Typ
A
--
0.40
0.37
A1
0.00
0.05
0.02
A3
--
--
0.100
b
0.17
0.27
0.22
D
0.95
1.05
1.00
D2
0.70
0.90
0.80
E
1.35
1.45
1.40
E2
0.50
0.70
0.60
e
0.50BSC
k
--
--
0.20
L
0.15
0.25
0.20
z
--
--
0.14
All Dimensions in mm
Die
PART
MARKING
SURFACE
Hall Sensor
0.47/0.53
Pin# 1
Top View
CL
CL
Die
PART
MARKING
SURFACE
Hall Sensor
0.47/0.53
Pin# 1
CL
CL
Sensor Location
D
D2
E
b
L
E2
A
A1
A3
Seating Plane
Z
e
k
(Pin #1 ID)



Html Pages

1 2 3 4 5 6 7 8 9