전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP1522 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 AP1522
상세설명  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1522 데이터시트(HTML) 7 Page - Diodes Incorporated

Back Button AP1522 Datasheet HTML 2Page - Diodes Incorporated AP1522 Datasheet HTML 3Page - Diodes Incorporated AP1522 Datasheet HTML 4Page - Diodes Incorporated AP1522 Datasheet HTML 5Page - Diodes Incorporated AP1522 Datasheet HTML 6Page - Diodes Incorporated AP1522 Datasheet HTML 7Page - Diodes Incorporated AP1522 Datasheet HTML 8Page - Diodes Incorporated AP1522 Datasheet HTML 9Page - Diodes Incorporated AP1522 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP1522
STEP-UP DC/DC CONVERTER
AP1522 Rev. 4 - 4
7 of 10
December 2017
www.diodes.com
© Diodes Incorporated
PART OBSOLETE
NO ALTERNATE PART
Frequency vs. Temperature
Vin = 5V; Vout = 15V
Feedback Voltage vs. Temperature
Vin = 5V; Vout = 15V
0
100
200
300
400
500
600
700
800
900
1000
-40
10
60
110
Temperature (
oC)
1.22
1.23
1.24
1.25
1.26
-40
10
60
110
Temperature (
oC)
Supply Current vs. Temperature
Vin = 5V; Vout = 15V; Iout = 0A
Supply Current vs. Supply Voltage
Vout = 15V; Iout = 0A
0
0.5
1
1.5
2
2.5
3
-40
10
60
110
Temperature (
oC)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
Supply Voltage (V)
Efficiency vs. Output Current
Vin = 5V; Vout = 15V
Efficiency vs. Output Current
Vin = 3.3V; Vout = 15V
70
75
80
85
90
0
20
40
60
Output Current (mA)
55
65
75
85
0
20
40
60
Output Current (mA)
.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com