전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MR-01B 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 MR-01B
상세설명  KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

MR-01B 데이터시트(HTML) 1 Page - Kemet Corporation

  MR-01B Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: MR/C-01B
KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
Dimensions
D
6mm MIN
H
7.9mm MAX
D2
17.5mm MAX
D3
19mm MAX
Packaging Specifications
Packaging: Tray
Packaging Quantity: 960
Weight: 2.7 g
General Information
Series: MR
Type: Current
Style: Round - Toroidal
Description: Zero-Phase Current
Transformers
Features: High Sensitivity, Compact
Lead: 2 Pin
RoHS: Yes
Notes:
Measurement Conditions:
f=60Hz, R=1000 Ohms, lo=15
mAmps
Specifications
Temperature Range: -20/+80°C
Voltage DC: 12.5 mV MIN (Output)
Current: 15 Amps
Resistance: 30 Ohms
Miscellaneous: Overinput characteristics (After
DC5A input) = 10% MAX.
© 2006 - 2020 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/05/2020 - 44e3de00-aebb-4c8f-b60b-30384b6c3526


유사한 부품 번호 - MR-01B

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
MR-01 KEMET-MR-01 Datasheet
77Kb / 1P
KEMET, ZCT, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
logo
Agilent(Hewlett-Packard...
MR-0110.008 HP-MR-0110.008 Datasheet
126Kb / 2P
MARFAN MASTR
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
DMD MASTR
MR-0130.024 HP-MR-0130.024 Datasheet
119Kb / 2P
For detection of germline variants, SNVs, in exons 18-21 of EGFR in FFPE-derived DNA
MR-0130.024 HP-MR-0130.024 Datasheet
772Kb / 2P
EGFR 18-21 MASTR
More results

유사한 설명 - MR-01B

제조업체부품명데이터시트상세설명
logo
Filtran LTD
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
Toroidal Inductors High Current
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
Toroidal Inductors High Current
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
High Current Toroidal Inductors
logo
Kemet Corporation
MR-01 KEMET-MR-01 Datasheet
77Kb / 1P
KEMET, ZCT, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
MRC-01 KEMET-MRC-01 Datasheet
243Kb / 6P
ZCT, Zero-Phase Current Transformers
CT-06-75 KEMET-CT-06-75 Datasheet
68Kb / 1P
KEMET, CT, Current, Round - Toroidal, AC, Overcurrent/Currect Detection, High Sensitivity, High Performance
MR-C-01B KEMET-MR-C-01B Datasheet
72Kb / 1P
KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Amphenol Wilcoxon Sensi...
728A WILCOXON-728A Datasheet
246Kb / 1P
High sensitivity, compact accelerometers
Rev.B.1 09/18
logo
Kemet Corporation
C-CT-1216 KEMET-C-CT-1216 Datasheet
54Kb / 1P
KEMET, C/CT-1216, Current, Round - Snap-on, AC, High Performance, Compact, Slim, Flame Retardant
7/05/2020
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com