전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG51002C 데이터시트(PDF) 13 Page - Renesas Technology Corp

부품명 SLG51002C
상세설명  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002C 데이터시트(HTML) 13 Page - Renesas Technology Corp

Back Button SLG51002C Datasheet HTML 9Page - Renesas Technology Corp SLG51002C Datasheet HTML 10Page - Renesas Technology Corp SLG51002C Datasheet HTML 11Page - Renesas Technology Corp SLG51002C Datasheet HTML 12Page - Renesas Technology Corp SLG51002C Datasheet HTML 13Page - Renesas Technology Corp SLG51002C Datasheet HTML 14Page - Renesas Technology Corp SLG51002C Datasheet HTML 15Page - Renesas Technology Corp SLG51002C Datasheet HTML 16Page - Renesas Technology Corp SLG51002C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.1
12-Sep-2022
CFR0011-120-00
13 of 35
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOL
LOW-Level Output Voltage
Push-Pull, IOL = 100 µA,
VDD = 2.8V, VDDIO = 1.2 V
0.005
V
Push-Pull, IOL = 100 µA,
VDD = 2.8V, VDDIO = 1.8 V
0.005
Push-Pull, IOL = 1 mA,
VDD = 2.8V, VDDIO = 2.8 V
0.05
Push-Pull, IOL = 3 mA,
VDD = 3.8V, VDDIO = 3.8 V
0.13
Push-Pull, IOL = 5 mA,
VDD = 5.0V, VDDIO = 5.0 V
0.18
NMOS OD, IOL = 100 µA ,
VDD = 2.8V, VDDIO = 1.2 V
0.004
NMOS OD, IOL = 100 µA ,
VDD = 2.8V, VDDIO = 1.8 V
0.004
NMOS OD, IOL = 1 mA ,
VDD = 2.8V, VDDIO = 2.8 V
0.04
NMOS OD, IOL = 3 mA , VDD
= 3.8V, VDDIO = 3.8 V
0.1
NMOS OD, IOL = 5 mA, VDD
= 5.0V, VDDIO = 5.0 V
0.13
IOH
HIGH-Level Output Current
Push-Pull, PMOS OD, VOH =
VDDIO-0.2 V, VDD = 2.8V,
VDDIO = 1.2 V
1.15
mA
Push-Pull, PMOS OD, VOH =
VDDIO-0.2 V, VDD = 2.8V,
VDDIO = 1.8 V
1
Push-Pull, PMOS OD, VOH =
2.4 V, VDD = 2.8V, VDDIO =
2.8 V
4.5
Push-Pull, PMOS OD, VOH =
2.4 V, VDD = 3.8V, VDDIO =
3.8 V
11.3
Push-Pull, PMOS OD, VOH =
2.4 V, VDD = 5.0V, VDDIO =
5.0 V
25.1
IOL
LOW-Level Output Current
Push-Pull, VOL = 0.15 V,
VDD = 2.8V, VDDIO = 1.2 V
3.48
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com