전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB145B 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BB145B
상세설명  Low-voltage variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB145B 데이터시트(HTML) 2 Page - NXP Semiconductors

  BB145B Datasheet HTML 1Page - NXP Semiconductors BB145B Datasheet HTML 2Page - NXP Semiconductors BB145B Datasheet HTML 3Page - NXP Semiconductors BB145B Datasheet HTML 4Page - NXP Semiconductors BB145B Datasheet HTML 5Page - NXP Semiconductors BB145B Datasheet HTML 6Page - NXP Semiconductors BB145B Datasheet HTML 7Page - NXP Semiconductors BB145B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Dec 15
2
Philips Semiconductors
Product specification
Low-voltage variable capacitance diode
BB145B
FEATURES
• Ultra small plastic SMD package
• C4: 2.75 pF; ratio: 2.4
• Low series resistance.
APPLICATIONS
• Voltage controlled oscillators
(VCO).
DESCRIPTION
The BB145B is a planar technology
variable capacitance diode in a
SOD523 (SC-79) package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline
(SOD523; SC-79) and symbol.
handbook, 2 columns
12


MBK441
Marking code: Z.
Orientation of marking code as shown.
Cathode side indicated by a bar.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
6V
VRM
peak reverse voltage
in series with a 10 k
Ω resistor
8V
IF
continuous forward current
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IR
reverse current
VR = 6 V; see Fig.3
10
nA
VR =6V; Tj =85 °C; see Fig.3
200
nA
rs
diode series resistance
f = 470 MHz; VR =1V
0.6
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Figs 2 and 4
6.4
7.2
pF
VR = 4 V; f = 1 MHz; see Figs 2 and 4
2.55
2.95
pF
capacitance ratio
f = 1 MHz
2.2
C
d1V
()
C
d4V
()
----------------



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com