| 전자부품 데이터시트 검색엔진 |
|
EDSAC0 데이터시트(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
EDSAC0 데이터시트(HTML) 2 Page - ITT Industries |
|
2 / 2 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change www.ittcannon.com A-37 ED Domes and EDM Domes Dimensional Drawings Switch action principal The disc contact is essentially made of two separate conductive domes diaphragms separated by an insulated material. The upper diaphragm is shaped so that under pressure it collapses suddenly and establishes contact with the lower diaphragm. Upper diaphragm Lower diaphragm SWITCH IN RESTING POSITION Pressure Insulating washer Circular contact area SWITCH IN ACTIVE POSITION Ordering code 1234 Example: ED S SC 0 1 Designation: ED / EDM450 / EDM650 2 Contact material: S = silver, G = gold 3 Contacts: AC = with PC pins, SC = with tabs 4 Sealing: 0 = flux sealed, 1 = totally sealed 12.7 (0.5) 10.35 (0.407) 0.8 (0.0315) 11.36 (0.447) 5.7 (0.224) 11.3 (0.445) 12 (0.472) 1.2 (0.0472) ED Domes |