| 전자부품 데이터시트 검색엔진 |
|
2CTA 데이터시트(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
2CTA 데이터시트(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Thin Film on Silicon 2CTA AC Terminator x 18 A .635 (.025) TYP. 3.81 - 3.99 (.150 - .157) PIN 1 .21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069) .10 - .25 (.004 - .010) 0-8 ° .19 - .25 (.007 - .010) .41 - 1.27 (.016 - .050) 5.80 - 6.20 (.228 - .244) Model A 2QSP20 8.56 - 8.74 (.337 - .344) Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137. Mechanical Characteristics QSOP Package Dimensions QSOP Package Power Temperature Derating Curve AMBIENT TEMPERATURE ( C ) ° 1.0 1.25 .75 .50 .25 2QSP20 0 50 75 100 125 150 25 Typical Part Marking R1 C1 Cap. Part Number Part Number Value Value BV (Tape & Reel) (Tubes) (ohms) (pF) (typ.) 100 100 25 2CTA-101/101M-Q20R 2CTA-101/101M-Q20T 33 47 50 2CTA-330/470M-Q20R 2CTA-330/470M-Q20T 47 47 50 2CTA-470/470M-Q20R 2CTA-470/470M-Q20T Standard RC Values Represents total content. Layout may vary. PACKAGE STYLE PIN COUNT 470330M CTA20Q YYWW PRODUCT FUNCTION RESISTANCE CODE/ CAPACITANCE CODE GRADE DATE CODE MANUFACTURER'S TRADEMARK PIN 1 INDICATOR (MOLDED INDENT) |