전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NHUMB2F 데이터시트(PDF) 13 Page - Nexperia B.V. All rights reserved

부품명 NHUMB2F
상세설명  80 V, 100 mA PNP/PNP resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB2F 데이터시트(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NHUMB2F Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 9Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 10Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 11Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 12Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 13Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 14Page - Nexperia B.V. All rights reserved NHUMB2F Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Nexperia
NHUMB11/1/2 series
80 V, 100 mA PNP/PNP resistor-equipped double transistors
14. Revision history
Table 10. Revision history
Data sheet ID
Release date Data sheet status Change
notice
Supersedes
NHUMB11_1_2_SER v.1
20200723
Product data sheet -
-
NHUMB11_1_2_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 23 July 2020
13 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com