전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PESD2USB5UV-T 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 PESD2USB5UV-T
상세설명  Automotive infotainment ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2USB5UV-T 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD2USB5UV-T Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD2USB5UV-T Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
PESD2USB5UV-T
Automotive infotainment ESD protection diode
10. Application information
The device is designed to provide high-level ESD protection for high-speed serial data buses such
as USB, HDMI, DisplayPort, eSATA and LVDS data lines.
006aab252
bidirectional protection
of one line
DUT
line 1 to be protected
GND
DUT
line 1 to be protected
unidirectional protection
of two lines
line 2 to be protected
GND
Fig. 12. Application diagram
Note: When designing the PCB, give careful consideration to impedance matching and signal
coupling. Do not connect the signal lines to unlimited current sources like, for example, a battery.
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
PESD2USB5UV-T
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
9 September 2020
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12