전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D3V3L2BS3LP 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 D3V3L2BS3LP
상세설명  2 CHANNELS BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3L2BS3LP 데이터시트(HTML) 4 Page - Diodes Incorporated

  D3V3L2BS3LP Datasheet HTML 1Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 2Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 3Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 4Page - Diodes Incorporated D3V3L2BS3LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D3V3L2BS3LP
Document number: DS42689 Rev. 2 - 2
4 of 5
www.diodes.com
September 2020
© Diodes Incorporated
D3V3L2BS3LP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-3
X1-DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0.00
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e


0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3


0.40
z
0.02
0.08
0.05
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-3
Dimensions
Value (in mm)
C
0.70
G1
0.30
G2
0.20
X
0.40
X1
1.10
Y
0.25
Y1
0.70
L3
L1
L2
e
b
D
E
A
z
b2
A1
Seating Plane
Pin #1 ID
C
Y1
X1
X
G2
Y
G1



Html Pages

1 2 3 4 5