전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

885392005019 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 885392005019
상세설명  WCAP-CSRF High Frequency MLCC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

885392005019 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  885392005019 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 885392005019 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Mechanical Properties:
Properties
Definition
Adhesive Strength of Termination 0201
10 ±1 sec; 2 N
0402
10 ±1 sec; 5 N
Vibration Resistance
all 3 directions, 2 hours each @ 10 - 55 Hz/
min., amplitude 0.75 mm or 10 g
Resistance to Solder Heat
Specific
Refer to Soldering Profile
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Halogen Free
Conform [JEDEC JS709B]
Halogen Free
Conform [IEC 61249-2-21]
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
AMM
001.000
2021-08-25
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-CSRF High Frequency
MLCC
NP00402R70B050DFCT1R000
ORDER CODE
885392005019
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
0402
eiCap
Valid
2/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com