| 전자부품 데이터시트 검색엔진 |
|
885392005114 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
|
|||||||||||||||||||||||||||||
885392005114 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
4 / 8 page ![]() Packaging Specification - Inner Carton: [mm] L IC W IC LIC (mm) WIC (mm) HIC (mm) No. of Reel (pcs.) Qty. (pcs.) Material typ. typ. typ. 120,00 180,00 180,00 10 100000 Paper Packaging Specification - Outer Carton: [mm] W C L C LC (mm) WC (mm) HC (mm) No. of Inner Carton (pcs.) Qty. (pcs.) Material typ. typ. typ. 393,00 393,00 203,00 6 600000 Paper Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CHECKED REVISION DATE (YYYY-MM-DD) GENERAL TOLERANCE PROJECTION METHOD AMM 001.000 2021-08-25 DIN ISO 2768-1m DESCRIPTION TECHNICAL REFERENCE WCAP-CSRF High Frequency MLCC NP00402220J050DFCT1R000 ORDER CODE 885392005114 SIZE/TYPE BUSINESS UNIT STATUS PAGE 0402 eiCap Valid 4/8 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |