전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDTA143ZMB 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 PDTA143ZMB
상세설명  PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA143ZMB 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PDTA143ZMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTA143ZMB Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PDTA143ZMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 29 June 2012
6 of 11
NXP Semiconductors
PDTA143ZMB
PNP resistor-equipped transistor; R1 = 4.7 k
Ω, R2 = 47 kΩ
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
f = 1 MHz; Tamb = 25 °C
VCE = -5 V; Tamb = 25 °C
Fig 8.
Collector capacitance as a function of
collector-base voltage; typical values
Fig 9.
Transition frequency as a function of collector
current; typical values of built-in transistor
VCB (V)
0
-50
-40
-20
-30
-10
006aac828
4
2
6
8
Cc
(pF)
0
006aac763
IC (mA)
-10-1
-102
-10
-1
102
103
fT
(MHz)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com