전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDTC144VM 데이터시트(PDF) 7 Page - Nexperia B.V. All rights reserved

부품명 PDTC144VM
상세설명  PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144VM 데이터시트(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PDTC144VM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC144VM Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PDTA144V_SER_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2009
6 of 18
NXP Semiconductors
PDTA144V series
PNP resistor-equipped transistors; R1 = 47 k
Ω, R2 = 10 kΩ
VCE = −5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
VCE = −0.3 V
(1) Tamb = −40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
VCE = −5 V
(1) Tamb = −40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig 3.
On-state input voltage as a function of
collector current; typical values
Fig 4.
Off-state input voltage as a function of
collector current; typical values
IC (mA)
−10−1
−102
−10
−1
006aaa111
102
10
103
hFE
1
(1)
(2)
(3)
IC (mA)
−1
−102
−10
006aaa112
−10−1
−1
VCEsat
(V)
−10−2
(1)
(3)
(2)
006aaa113
IC (mA)
−10−1
−102
−10
−1
−10
VI(on)
(V)
−1
(1)
(2)
(3)
006aaa114
IC (mA)
−10−1
−10
−1
−10
VI(off)
(V)
−1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com