전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CG-PD110C2 데이터시트(PDF) 2 Page - Coolgear Inc.

부품명 CG-PD110C2
상세설명  ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOLGEAR [Coolgear Inc.]
홈페이지  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

CG-PD110C2 데이터시트(HTML) 2 Page - Coolgear Inc.

  CG-PD110C2 Datasheet HTML 1Page - Coolgear Inc. CG-PD110C2 Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coolgear, Inc.
5120 110th Ave N
Clearwater, FL 33760 USA
P: +1-727-209-1300
F: +1-727-209-1302
coolgear.com
Specifications Cont.
CONNECTIONS
USB Specification
Charging Only
Maximum Data Rate
N/A
Downstream Port Count
2
Downstream Port Type
2x Type C (Charging)
Works as Standalone Charger
Y - Can be used without Host
Can be Bus Powered
N - External Power Required
Power
Input Voltage
12 ~ 24V DC
Min Input Voltage
11.6v
Max Input Voltage
(DO NOT EXCEED)
30v
Power Connector
Phoenix 2-pin
Idle Power Draw
17mA @ 12v Terminal
Max Power Draw
110W
Max Per Port Draw
65W/45W
Supported Charge Protocols
Apple Charge 2.4A | BC 1.2 | DCP | PD | PPS | QC 4.0 / 3.0 / 2.0
Charging Details
65W:5V/3A ,9V/3A, 12V/3A, 15V/3A, 20V/3.25A | 45W: 5V/3A ,9V/3A, 12V/3A,15V/3A, 20V/2.25A
ENVIRONMENTAL
Operating Temperature
0C ~ 55C
Storage Temperature
-20C ~ 75C
Operating Humidity
5% to 95% RH
OS SUPPORT
Supported Operating Systems
OS independent - No software or drivers required
WARRANTY
Warranty Period
1 Year
PRODUCT URL
CG-PD110C2 Product Page
https://www.coolgear.com/product/chargeit-mini-110w-dual-type-c-pd-charger-65w-usb-c-port-45w-
usb-c-port
2
Questions? Visit: coolgear.com/support



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com