전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC618 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BC618
상세설명  NPN Darlington transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC618 데이터시트(HTML) 4 Page - NXP Semiconductors

  BC618 Datasheet HTML 1Page - NXP Semiconductors BC618 Datasheet HTML 2Page - NXP Semiconductors BC618 Datasheet HTML 3Page - NXP Semiconductors BC618 Datasheet HTML 4Page - NXP Semiconductors BC618 Datasheet HTML 5Page - NXP Semiconductors BC618 Datasheet HTML 6Page - NXP Semiconductors BC618 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Nov 05
4
Philips Semiconductors
Product specification
NPN Darlington transistor
BC618
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 60 V; IE =0 A
−−
50
nA
ICES
collector-emitter cut-off current
VBE = 0 V; VCE =60V
−−
50
µA
IEBO
emitter-base cut-off current
VEB = 10 V; IC =0 A
−−
50
nA
hFE
DC current gain
VCE = 5 V; see Fig.2
IC = 1 mA
2000
−−
IC = 10 mA
4000
−−
IC = 200 mA
10000
70000
VCEsat
collector-emitter saturation voltage IC = 200 mA; IB = 0.2 mA
−−
1.1
V
VBEsat
base-emitter saturation voltage
IC = 200 mA; IB = 0.2 mA
−−
1.6
V
Cc
collector capacitance
VCB = 30 V; IE =0 A
3.5
pF
fT
transition frequency
VCE =5V; IC = 500 mA; f = 100 MHz 155
−−
MHz
handbook, full pagewidth
0
60000
80000
20000
40000
MGD837
10−1
1
IC (mA)
hFE
10
102
103
Fig.2 DC current gain; typical values.
VCE =2V.


유사한 부품 번호 - BC618

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
logo
Siemens Semiconductor G...
BC618 SIEMENS-BC618 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
logo
NXP Semiconductors
BC618 PHILIPS-BC618 Datasheet
54Kb / 7P
   NPN Darlington transistor
2004 Nov 05
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
71Kb / 6P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 3
More results

유사한 설명 - BC618

제조업체부품명데이터시트상세설명
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com