전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56001A/D 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 DSP56001A/D
상세설명  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56001A/D 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button DSP56001A/D Datasheet HTML 9Page - NXP Semiconductors DSP56001A/D Datasheet HTML 10Page - NXP Semiconductors DSP56001A/D Datasheet HTML 11Page - NXP Semiconductors DSP56001A/D Datasheet HTML 12Page - NXP Semiconductors DSP56001A/D Datasheet HTML 13Page - NXP Semiconductors DSP56001A/D Datasheet HTML 14Page - NXP Semiconductors DSP56001A/D Datasheet HTML 15Page - NXP Semiconductors DSP56001A/D Datasheet HTML 16Page - NXP Semiconductors DSP56001A/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
DSP56001A
Interrupt and Mode Control
MOTOROLA
DSP56001A/D, Rev. 1
1-7
CAUTION
DO NOT APPLY 10 VOLTS TO ANY PIN OF
THE
DSP56001A
(including
MODB)!
Subjecting any pin of the DSP56001A to
voltages in excess of the specified TTL/CMOS
levels will permanently damage the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More