| 전자부품 데이터시트 검색엔진 |
|
APR3/D 데이터시트(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR3/D 데이터시트(HTML) 97 Page - NXP Semiconductors |
|
97 / 101 page ![]() MOTOROLA DSP56001A/D, Rev. 1 A-5 ROM Table Listings Sine Wave Table SINE WAVE TABLE This sine wave table is normally used by FFT routines that use bit-reversed address pointers. This table can be used as it is for up to 512 point FFTs; however, for larger FFTs, the table must be copied to a different memory location to allow the Reverse-carry addressing mode to be used (see REVERSE-CARRY MODIFIER (Mn = $0000) in the DSP56001 User’s Manual for additional information). Table A-2 Sine Wave Table ORG Y:$100 ; S_00 DC $000000 ; +0.0000000000 S_01 DC $03242B ; +0.0245412998 S_02 DC $0647D9 ; +0.0490676016 S_03 DC $096A90 ; +0.0735644996 S_04 DC $0C8BD3 ; +0.0980170965 S_05 DC $0FAB27 ; +0.1224106997 S_06 DC $12C810 ; +0.1467303932 S_07 DC $15E214 ; +0.1709619015 S_08 DC $18F8B8 ; +0.1950902939 S_09 DC $1C0B82 ; +0.2191012055 S_0A DC $1F19F9 ; +0.2429800928 S_0B DC $2223A5 ; +0.2667128146 S_0C DC $25280C ; +0.2902846038 S_0D DC $2826B9 ; +0.3136816919 S_0E DC $2B1F35 ; +0.3368898928 S_0F DC $2E110A ; +0.3598949909 S_10 DC $30FBC5 ; +0.3826833963 S_11 DC $33DEF3 ; +0.4052414000 S_12 DC $36BA20 ; +0.4275551140 S_13 DC $398CDD ; +0.4496113062 S_14 DC $3C56BA ; +0.4713967144 S_15 DC $3F174A ; +0.4928981960 S_16 DC $41CE1E ; +0.5141026974 S_17 DC $447ACD ; +0.5349975824 S_18 DC $471CED ; +0.5555701852 S_19 DC $49B415 ; +0.5758082271 S_1A DC $4C3FE0 ; +0.5956993103 S_1B DC $4EBFE9 ; +0.6152315736 S_1C DC $5133CD ; +0.6343932748 S_1D DC $539B2B ; +0.6531729102 S_1E DC $55F5A5 ; +0.6715589762 S_1F DC $5842DD ; +0.6895405054 S_20 DC $5A827A ; +0.7071068287 S_21 DC $5CB421 ; +0.7242470980 S_22 DC $5ED77D ; +0.7409511805 S_23 DC $60EC38 ; +0.7572088242 S_24 DC $62F202 ; +0.7730104923 S_25 DC $64E889 ; +0.7883464098 S_26 DC $66CF81 ; +0.8032075167 S_27 DC $68A69F ; +0.8175848722 S_28 DC $6A6D99 ; +0.8314697146 S_29 DC $6C2429 ; +0.8448535204 S_2A DC $6DCA0D ; +0.8577286005 S_2B DC $6F5F03 ; +0.8700870275 S_2C DC $70E2CC ; +0.8819212914 S_2D DC $72552D ; +0.8932244182 S_2E DC $73B5EC ; +0.9039893150 S_2F DC $7504D3 ; +0.9142097235 S_30 DC $7641AF ; +0.9238795042 S_31 DC $776C4F ; +0.9329928160 S_32 DC $788484 ; +0.9415441155 S_33 DC $798A24 ; +0.9495282173 S_34 DC $7A7D05 ; +0.9569402933 S_35 DC $7B5D04 ; +0.9637761116 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |