전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16DY 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved

부품명 BAS16DY
상세설명  High-speed dual switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16DY 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS16DY Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16DY Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
BAS16DY
High-speed dual switching diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS16DY
TSSOP6
plastic, surface-mounted package; 6 leads; 0.65 mm pitch;
2.1 mm x 1.25 mm x 0.95 mm body
SOT363
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAS16DY
M3%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
[1] [2]
-
110
mA
tp = 50 µs; square wave; Tj(init) = 25 °C
-
10
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; square wave; Tj(init) = 25 °C
-
1
A
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ ≤ 0.25
-
700
mA
[1] [2]
-
260
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] [3]
-
290
mW
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Single diode loaded.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
BAS16DY
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
20 April 2023
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com