전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSSC4151CE1D 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 ZSSC4151CE1D
상세설명  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE1D 데이터시트(HTML) 1 Page - Renesas Technology Corp

  ZSSC4151CE1D Datasheet HTML 1Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151CE1D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Automotive Sensor Signal
Conditioner with Analog Output
ZSSC4151C
Datasheet
© 2022 Renesas Electronics Corporation
1
March 25, 2020
Bridge Sensor with
Optional On-Chip
PN-Junction
Temperature Sensor
CLOAD
C1
SDA
SCL
OUT
GND
VCC
VDDA
VSSA
C2
19
20
22
21
23
24
1
2
3
4
5
6
18
17
16
15
14
13
12
11
9
10
8
7
TOP
TS1
BOT
BR1N
ZSSC4151C
(24-QFN Top View)
VSSA
VDDA
SDA
SCL
VDDE
VSSE
TS2
Description
The ZSSC4151C is a member of Renesas’s family of CMOS
integrated circuits for highly accurate amplification and sensor-
specific correction of differential bridge sensor signals. Featuring a
maximum analog pre-amplification of 200, the ZSSC4151C is
adjustable to nearly all resistive sensor bridges.
Digital compensation of offset, sensitivity, temperature drift, and
nonlinearity is accomplished via a 16-bit RISC microcontroller.
Calibration coefficients and configuration data are stored in the
ZSSC4151C nonvolatile memory (NVM), which is reliable in auto-
motive applications.
Measured values are provided via a ratiometric analog output
signal at the AOUT pin. End-of-line calibration is also supported
through this output pin via Renesas’s ZACwire™ one-wire interface
(OWI). Digital calibration helps keep assembly cost low as no
trimming by external devices or lasers is needed.
The ZSSC4151C is optimized for automotive environments by
over-voltage and reverse-polarity protection circuitry, excellent
electromagnetic compatibility, and multiple diagnostic features.
Typical Applications
Fluid brake pressure sensing (PV)
Hydraulic pressure sensing
(e.g., steering systems with hydraulic steering support)
Pneumatic pressure sensing
(e.g., air brake systems; pneumatic shock absorbers)
Available Support
Evaluation Kit
Application Notes
Calculation Tools
Features
Differential bridge sensor input and on-chip or external
temperature sensors, selectable for conditioning of sensor
input signal
Digital compensation for offset, gain, and higher-order
nonlinearity as well as temperature coefficients of the
measured bridge sensor input signal
Operating temperature range: -40°C to 150°C
Accuracy: ±1.0% FS at -40°C to 150°C
Nonvolatile memory (NVM) for configuration, calibration data,
and configurable measurement, and conditioning functionality
Configurable for nearly all resistive bridge sensors
One-pass, end-of-line calibration algorithm minimizes
production costs
No external trimming or components required
Qualified according to the AEC-Q100 Grade 0 automotive
standard
Physical Characteristics
Supply voltage: 4.5V to 5.5V
Continuous over-voltage and reverse-polarity protection – no
duration limit: up to +/-40V
Bridge sensor input span: 1 to 800 mV/V
Bridge sensor signal ADC resolution: 12 to 18 bit
Output resolution: 12-bit analog output; signed 16-bit readout
for raw data acquisition
Delivery options:
24-QFN (4.0
 4.0 mm; wettable flanks);
16-TSSOP (5.0
 4.4 mm exposed pad)
Tested die; tested wafer
ZSSC4151C Basic Circuit for 24-QFN


유사한 부품 번호 - ZSSC4151CE1D

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
More results

유사한 설명 - ZSSC4151CE1D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
RBicLiteTM Analog Output Sensor Signal Conditioner
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
Automotive Sensor Signal Conditioner with Dual Analog Output
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
Automotive Resistive Sensor Signal Conditioner with SENT Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com