전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP96002/D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 DSP96002/D
상세설명  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002/D 데이터시트(HTML) 2 Page - NXP Semiconductors

  DSP96002/D Datasheet HTML 1Page - NXP Semiconductors DSP96002/D Datasheet HTML 2Page - NXP Semiconductors DSP96002/D Datasheet HTML 3Page - NXP Semiconductors DSP96002/D Datasheet HTML 4Page - NXP Semiconductors DSP96002/D Datasheet HTML 5Page - NXP Semiconductors DSP96002/D Datasheet HTML 6Page - NXP Semiconductors DSP96002/D Datasheet HTML 7Page - NXP Semiconductors DSP96002/D Datasheet HTML 8Page - NXP Semiconductors DSP96002/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
ii
DSP96002/D, Rev. 2
MOTOROLA
TABLE OF CONTENTS
SECTION 1
SIGNAL/CONNECTION DESCRIPTIONS . . . . . . . . . . . . . . . . . . 1-1
SECTION 2
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-1
SECTION 3
PACKAGING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1
SECTION 4
DESIGN CONSIDERATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-1
SECTION 5
ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-1
APPENDIX A
BOOTSTRAP CODE FOR DSP96002. . . . . . . . . . . . . . . . . . . . . A-1
APPENDIX B
X AND Y MEMORY ROM TABLES . . . . . . . . . . . . . . . . . . . . . . . B-1
FOR TECHNICAL ASSISTANCE:
Telephone:
1-800-521-6274
Email:
dsphelp@dsp.sps.mot.com
Internet:
http://www.motorola-dsp.com
Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR
Used to indicate a signal that is active when pulled low (For example, the RESET
pin is active when low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low)
signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low)
signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL
Note:
Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More