| 전자부품 데이터시트 검색엔진 |
|
D24V0S1UG3LP20 데이터시트(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
D24V0S1UG3LP20 데이터시트(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() D24V0S1UG3LP20 Document number: DS43437 Rev. 1 - 2 4 of 5 www.diodes.com September 2021 © Diodes Incorporated D24V0S1UG3LP20 Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. U-DFN2020-3 (Type C) U-DFN2020-3 (Type C) Dim Min Max Typ A 0.55 0.65 0.60 A1 0.00 0.05 0.02 A3 -- -- 0.152 b 0.25 0.35 0.30 D 1.95 2.05 2.00 D2 0.90 1.10 1.00 E 1.95 2.05 2.00 E2 1.40 1.60 1.50 e 0.65BSC k -- -- 0.35 L 0.35 0.45 0.40 L1 0.20 0.30 0.25 z -- -- 0.20 All Dimensions in mm Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. U-DFN2020-3 (Type C) Dimensions Value (in mm) C 0.650 X 0.600 X1 1.100 X2 0.350 X3 2.300 Y 0.400 Y1 1.600 Y2 1.700 Seating Plane 3x A3 A A1 D e b E Pin 1 I.D . z( 2x) k D2 E2 L1 R0. 150 L X1 X3 Y X X2 Y1 C Y2 |