| 전자부품 데이터시트 검색엔진 |
|
2DB52P 데이터시트(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
2DB52P 데이터시트(HTML) 4 Page - ITT Industries |
|
4 / 11 page ![]() 62 www.ittcannon.com Double Density D - .075" Contact Spacing 2D Dimensions shown in inch (mm) Specifications and dimensions subject to change Contact Arrangements DE 19 Contacts All views are pin front face. Use reverse order for socket side. Cavity identification numbers are shown for reference only and do not appear on insulator front face. However they do appear on rear of insulator. 1 7 14 6 13 19 1 11 22 10 21 31 1 18 36 17 35 52 1 27 54 26 53 79 1 27 52 76 26 51 75 100 DA 31 Contacts DB 52 Contacts DD 100 Contacts DC 79 Contacts 90˚ PCB Mounting - 3 Row .148 (3.76) MIN. .253 (6.43) .233 (5.92) .130 (3.30) .100 (2.54) .125 (3.18) .115 (2.92) DIA. TYP. .0375 (0.95) REF. .075 (.190) REF. .690 (17.53) MAX. .510 (12.95) .490 (12.45) .510 (12.95) .480 (12.18) CAV. #1 .065 (1.65) #4-40 UNC-2B THREAD (2 PLACES) LAST LEAD PCB Termination Leads (all contact arrangements) .024 (6.10) to .028 (7.11). Suggested finished PC hole Size .033 (8.38) +_ .003 (0.08) LEAD #1 LAST CAV. B A A .075 (1.90) .100 (2.54) REF. .100 (2.54) REF. B 2x Part Number by Shell Size A ± .015 (0.38) B ± .010 (0.25) C Max. 2DE19SBRP 2DA31SBRP 2DB52SBRP 2DC79SBRP 1.215 (30.86) 1.540 (39.12) 2.090 (53.09) 2.730 (69.34) .984 (24.99) 1.312 (33.32) 1.852 (47.04) 2.500 (63.50) .690 (17.53) .690 (17.53) .690 (17.53) .690 (17.53) |