전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VB362K 데이터시트(PDF) 3 Page - VBsemi Electronics Co.,Ltd

부품명 VB362K
상세설명  Dual N-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB362K 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VB362K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB362K Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.2
0.4
0.6
0.8
1.0
012
345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V
3 V
5 V
4 V
6 V
7 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
200
400
600
800
1000
ID - Drain Current (mA)
VGS = 4.5 V
VGS = 10 V
0
1
2
3
4
5
6
7
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VDS = 10 V
ID = 250 mA
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
300
600
900
1200
0123456
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C
0
8
16
24
32
40
0
5
10
15
20
25
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
0.0
0.4
0.8
1.2
1.6
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V at 500 mA
VGS = 4.5 V
at 200 mA
VB362K
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com