전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RSC-4XRPM 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 RSC-4XRPM
상세설명  Rapid Prototyping Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

RSC-4XRPM 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  RSC-4XRPM Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RSC-4x RPM
Data Sheet
2
P/N 80-0291-B
© 2006 Sensory Inc.
DC Specifications
For details, refer to RSC-4128 Datasheet (80-0206).
Major Components
U3 RSC-4128 IC
An RSC-4128 Integrated Circuit is the central speech processor.
Y1 Crystal
A 3.57 MHz crystal drives a 14.3MHz phase lock loop (PLL) in the RSC-4128 to create the system clock. Timer
1 is used for all speech recognition functions, and should only be used by the application programmer who is not
using speech recognition. Timer 3 is reserved for the application programmer.
Y2 Crystal
A 32.768 KHz crystal establishes the frequency of Timer 2 on the RSC-4128 IC. Timer 2 is useful for
timekeeping applications since it is not interrupted, unlike Timer 1.
R4 Microphone Source (gain) Resistor
A 1.8K on-board through-hole microphone source resistor is calibrated for use with a microphone with -44dB
sensitivity with 2.2K. This satisfies the -46dB system gain.
U2 4M Bit Flash Memory
This 4Mb Flash memory stores the application binary code.
U4 32M Bit Serial Flash Memory
This 32M bit Serial Flash is designed to store speech templates, Record and Playback data, and application
data.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com