전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLLFSD01LP3Q-7 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DLLFSD01LP3Q-7
상세설명  ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLLFSD01LP3Q-7 데이터시트(HTML) 4 Page - Diodes Incorporated

  DLLFSD01LP3Q-7 Datasheet HTML 1Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 2Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 3Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 4Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DLLFSD01LP3Q
Document number: DS42924 Rev. 2 - 2
4 of 5
www.diodes.com
March 2022
© Diodes Incorporated
DLLFSD01LP3Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X3-DFN0603-2
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X3-DFN0603-2
X1
Y
X
C
X3-DFN0603-2
Dim
Min
Max
Typ
A
0.27
0.35
0.30
A1
0.00
0.03
0.02
b
0.19
0.29
0.24
D
0.595
0.645
0.62
E
0.295
0.345
0.32
e
-
-
0.355
L
0.14
0.24
0.19
All Dimensions in mm
Dimensions
Value (in mm)
C
0.380
X
0.230
X1
0.610
Y
0.300
L (2x)
E
b (2x)
D
A1 (2x)
A
e
Bottom View



Html Pages

1 2 3 4 5