전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM3Z68VT1G 데이터시트(PDF) 5 Page - Nexperia B.V. All rights reserved

부품명 MM3Z68VT1G
상세설명  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM3Z68VT1G 데이터시트(HTML) 5 Page - Nexperia B.V. All rights reserved

  MM3Z68VT1G Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM3Z68VT1G Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
MM3Z series
Voltage regulator diodes
Table 9. Electrical characteristics per type: MM3Z27VT1G to MM3Z75VT1G
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
Differential
resistance
rdiff (Ω)
Temperature
coefficient
SZ (mV/K)
IZ = 2 mA
Reverse current
IR (µA)
IZ = 0.5
mA
IZ = 2
mA
IZ = 2 mA
Diode
capacitance
Cd (pF)[1]
MM3ZxxxT1G
Min
Max
Max
VR (V) Max
Max
Min
Max
Max
27V
25.10
28.90
0.05
18.9
300
80
21.4
25.3
50
30V
28.00
32.00
0.05
21.0
300
80
24.4
29.4
50
33V
31.00
35.00
0.05
23.1
325
80
27.4
33.4
45
36V
34.00
38.00
0.05
25.2
350
90
30.4
37.4
45
39V
37.00
41.00
0.05
27.3
350
130
33.4
41.2
45
43V
40.00
46.00
0.05
30.1
375
150
37.6
46.6
40
47V
44.00
50.00
0.05
32.9
375
170
42.0
51.8
40
51V
48.00
54.00
0.05
35.7
400
180
46.6
57.2
40
56V
52.00
60.00
0.05
39.2
425
200
52.2
63.8
40
62V
58.00
66.00
0.05
43.4
450
215
58.8
71.6
35
68V
64.00
72.00
0.05
47.6
475
240
65.6
79.8
35
75V
70.00
79.00
0.05
52.5
500
255
73.4
88.6
35
[1] f = 1 MHz; VR = 0 V
MM3Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 21 February 2023
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com